Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC12F635E/SS Fiches technique(PDF) 67 Page - Microchip Technology

No de pièce PIC12F635E/SS
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635E/SS Fiches technique(HTML) 67 Page - Microchip Technology

Back Button PIC12F635E/SS Datasheet HTML 63Page - Microchip Technology PIC12F635E/SS Datasheet HTML 64Page - Microchip Technology PIC12F635E/SS Datasheet HTML 65Page - Microchip Technology PIC12F635E/SS Datasheet HTML 66Page - Microchip Technology PIC12F635E/SS Datasheet HTML 67Page - Microchip Technology PIC12F635E/SS Datasheet HTML 68Page - Microchip Technology PIC12F635E/SS Datasheet HTML 69Page - Microchip Technology PIC12F635E/SS Datasheet HTML 70Page - Microchip Technology PIC12F635E/SS Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 65
PIC12F635/PIC16F636/639
FIGURE 7-5:
PIC12F635 COMPARATOR C1 OUTPUT BLOCK DIAGRAM
FIGURE 7-6:
PIC16F636/639 COMPARATOR C1 OUTPUT BLOCK DIAGRAM
C1SYNC
D
Q
EN
To C1OUT pin
RD CMCON
Set C2IF bit
D
Q
EN
CL
RD CMCON
Reset
To Data Bus
C1INV
D
Q
EN
TMR1
Clock Source(1)
0
1
To TMR1
Note 1:
Comparator 1 output is latched on falling edge of T1 clock source.
D
Q
EN
To C1OUT pin
RD CMCON
Set C1IF bit
D
Q
EN
CL
NRESET
To Data Bus
C1INV
RD CMCON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More