Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPSMBJ43CA Fiches technique(PDF) 3 Page - Anova Technologies CO., LTD.

No de pièce TPSMBJ43CA
Description  Surface Mount Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANOVA [Anova Technologies CO., LTD.]
Site Internet  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

TPSMBJ43CA Fiches technique(HTML) 3 Page - Anova Technologies CO., LTD.

  TPSMBJ43CA Datasheet HTML 1Page - Anova Technologies CO., LTD. TPSMBJ43CA Datasheet HTML 2Page - Anova Technologies CO., LTD. TPSMBJ43CA Datasheet HTML 3Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPSMBJ Series
www.anova-semi.com
Revision: C
Jul-12 -2017
P. 3
Uni
Bi
Min (V) Max (V) IT (mA)
TPSMBJ11A TPSMBJ11CA KZA AZA
12.20
13.50
1
1
11.0
32.97
18.2
TPSMBJ12A TPSMBJ12CA LEA BEA
13.30
14.70
1
1
12.0
30.15
19.9
TPSMBJ13A TPSMBJ13CA LGA BGA
14.40
15.90
1
1
13.0
27.91
21.5
TPSMBJ14A TPSMBJ14CA LKA BKA
15.60
17.20
1
1
14.0
25.86
23.2
TPSMBJ15A TPSMBJ15CA LMA BMA
16.70
18.50
1
1
15.0
24.59
24.4
TPSMBJ16A TPSMBJ16CA LPA BPA
17.80
19.70
1
1
16.0
23.08
26.0
TPSMBJ17A TPSMBJ17CA LRA BRA
18.90
20.90
1
1
17.0
21.74
27.6
TPSMBJ18A TPSMBJ18CA LTA BTA
20.00
22.10
1
1
18.0
20.55
29.2
TPSMBJ19A TPSMBJ19CA LBA BBA
21.10
23.30
1
1
19.0
19.49
30.8
TPSMBJ20A TPSMBJ20CA LVA BVA
22.20
24.50
1
1
20.0
18.52
32.4
TPSMBJ22A TPSMBJ22CA LXA BXA
24.40
26.90
1
1
22.0
16.90
35.5
TPSMBJ24A TPSMBJ24CA LZA BZA
26.70
29.50
1
1
24.0
15.42
38.9
TPSMBJ26A TPSMBJ26CA MEA CEA
28.90
31.90
1
1
26.0
14.25
42.1
TPSMBJ28A TPSMBJ28CA MGA CGA
31.10
34.40
1
1
28.0
13.22
45.4
TPSMBJ30A TPSMBJ30CA MKA CKA
33.30
36.80
1
1
30.0
12.40
48.4
TPSMBJ33A TPSMBJ33CA MMA CMA
36.70
40.60
1
1
33.0
11.26
53.3
TPSMBJ36A TPSMBJ36CA MPA CPA
40.00
44.20
1
1
36.0
10.33
58.1
TPSMBJ40A TPSMBJ40CA MRA CRA
44.40
49.10
1
1
40.0
9.30
64.5
TPSMBJ43A TPSMBJ43CA MTA CTA
47.80
52.80
1
1
43.0
8.65
69.4
TPSMBJ45A TPSMBJ45CA MVA CVA
50.00
55.30
1
1
45.0
8.25
72.7
TPSMBJ48A TPSMBJ48CA MXA CXA
53.30
58.90
1
1
48.0
7.75
77.4
TPSMBJ51A TPSMBJ51CA MZA CZA
56.70
62.70
1
1
51.0
7.28
82.4
TPSMBJ54A TPSMBJ54CA NEA DEA
60.00
66.30
1
1
54.0
6.89
87.1
TPSMBJ58A TPSMBJ58CA NGA DGA
64.40
71.20
1
1
58.0
6.41
93.6
TPSMBJ60A TPSMBJ60CA NKA DKA
66.70
73.70
1
1
60.0
6.20
96.8
TPSMBJ64A TPSMBJ64CA NMA DMA
71.10
78.60
1
1
64.0
5.83
103.0
TPSMBJ70A TPSMBJ70CA NPA DPA
77.80
86.00
1
1
70.0
5.31
113.0
TPSMBJ75A TPSMBJ75CA NRA DRA
83.30
92.10
1
1
75.0
4.96
121.0
TPSMBJ78A TPSMBJ78CA NTA DTA
86.70
95.80
1
1
78.0
4.76
126.0
TPSMBJ85A TPSMBJ85CA NVA DVA
94.40
104.00
1
1
85.0
4.38
137.0
TPSMBJ90A TPSMBJ90CA NXA DXA
100.00
111.00
1
1
90.0
4.11
146.0
TPSMBJ100A TPSMBJ100CA NZA DZA
111.00
123.00
1
1
100.0
3.70
162.0
TPSMBJ110A TPSMBJ110CA PEA EEA
122.00
135.00
1
1
110.0
3.39
177.0
TPSMBJ120A TPSMBJ120CA PGA EGA
133.00
147.00
1
1
120.0
3.11
193.0
TPSMBJ130A TPSMBJ130CA PKA EKA
144.00
159.00
1
1
130.0
2.87
209.0
TPSMBJ140A TPSMBJ140CA PBA EBA
155.00
171.00
1
1
140.0
2.65
226.8
TPSMBJ150A TPSMBJ150CA PMA EMA
167.00
185.00
1
1
150.0
2.47
243.0
TPSMBJ160A TPSMBJ160CA PPA EPA
178.00
197.00
1
1
160.0
2.32
259.0
TPSMBJ170A TPSMBJ170CA PRA ERA
189.00
209.00
1
1
170.0
2.18
275.0
Note:
1. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
2. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics(TA=25℃ unless otherwise noted)
Part Number
(Uni)
Part Number
(Bi)
Device
Marking
Code
Breakdown Voltage VBR @IT
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Working
Peak
Reverse
Voltage
VRWM
(V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage VC
@IPP
(V)



Html Pages

1 2 3