| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC12F635E/MF Fiches technique(PDF) 67 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F635E/MF Fiches technique(HTML) 67 Page - Microchip Technology |
|
67 / 196 page ![]() © 2005 Microchip Technology Inc. Preliminary DS41232B-page 65 PIC12F635/PIC16F636/639 FIGURE 7-5: PIC12F635 COMPARATOR C1 OUTPUT BLOCK DIAGRAM FIGURE 7-6: PIC16F636/639 COMPARATOR C1 OUTPUT BLOCK DIAGRAM C1SYNC D Q EN To C1OUT pin RD CMCON Set C2IF bit D Q EN CL RD CMCON Reset To Data Bus C1INV D Q EN TMR1 Clock Source(1) 0 1 To TMR1 Note 1: Comparator 1 output is latched on falling edge of T1 clock source. D Q EN To C1OUT pin RD CMCON Set C1IF bit D Q EN CL NRESET To Data Bus C1INV RD CMCON |