| Moteur de recherche de fiches techniques de composants électroniques |
|
MSM7705 Fiches technique(PDF) 3 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM7705 Fiches technique(HTML) 3 Page - OKI electronic componets |
|
3 / 20 page ![]() ¡ Semiconductor MSM7705-01/02/03 3/20 PIN CONFIGURATION (TOP VIEW) VDD, DG, and AG have two pins each. Each of these pairs are internally connected with each other. * The ALAW pin is only supported by MSM7705-01GS-2K. 1 2 3 4 5 6 7 8 9 10 11 23 24 25 26 27 28 29 30 31 32 33 NC NC NC VDD VDD NC NC DIN4 DIN3 DIN2 DIN1 CHPS PDN (ALAW)* NC NC NC NC AIN1 GSX1 GSX2 AIN2 NC : No connect pin ( 44-Pin Plastic QFP |