Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SML-2P Fiches technique(PDF) 3 Page - Sanyou Corporation Limited

No de pièce SML-2P
Description  Miniature High Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYOU [Sanyou Corporation Limited]
Site Internet  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SML-2P Fiches technique(HTML) 3 Page - Sanyou Corporation Limited

  SML-2P Datasheet HTML 1Page - Sanyou Corporation Limited SML-2P Datasheet HTML 2Page - Sanyou Corporation Limited SML-2P Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMl P
-2
3/3
2P,5A
3.2mm pinning
1.6
3.2
3.2
8- 1.3
Φ
6- 1.3
Φ
22.1
3.2
1.6
2c
2a
22.1
2c
2a
2P,5A
3.2mm pinning
Disclaimer:
This datasheet is the customers' reference. All the specification are subject to change without notice.
We could not evaluate all the performance and all the parameters for every possible application.Thus the user should
in a right position to choose the suitable product for their own application.For sealed relays after installation and cleaning,
Sanyou Corporation Limited, All rights of Sanyou to reserved.
However it is the user's responsibility to determine which product should be used only.
please open the vent hole on the case before use.If there is any query,please contact Sanyou for the technica service.



Html Pages

1 2 3