Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFD Fiches technique(PDF) 4 Page - Sanyou Corporation Limited

No de pièce SFD
Description  Miniature High Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYOU [Sanyou Corporation Limited]
Site Internet  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SFD Fiches technique(HTML) 4 Page - Sanyou Corporation Limited

  SFD Datasheet HTML 1Page - Sanyou Corporation Limited SFD Datasheet HTML 2Page - Sanyou Corporation Limited SFD Datasheet HTML 3Page - Sanyou Corporation Limited SFD Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
10
100
30
10
1
1000
10
1
100
50
10
10
20
30
0.2
1.0
2.0
Contact current
A
30
250
.
VAC Res
Characteristic Curves
Contact Current A
()
Endurance Curve
Contact Voltage V
()
Max Switching Power
.
Coil Temp Rise
.
Coil Power W
()
,
Sanyou Corporation Limited All rights of Sanyou to reserved
4/4
Disclaimer:
This datasheet is the customers' reference. All the specification are subject to change without notice.
We could not evaluate all the performance and all the parameters for every possible application.Thus the user should
in a right position to choose the suitable product for their own application.For sealed relays after installation and cleaning,
However it is the user's responsibility to determine which product should be used only.
please open the vent hole on the case before use.If there is any query,please contact Sanyou for the technica service.



Html Pages

1 2 3 4