| Moteur de recherche de fiches techniques de composants électroniques |
|
DM64ALS08 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM64ALS08 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF6271 August 1995 DM64ALS08DM74ALS08 Quad 2-Input AND Gate General Description This device contains four independent gates each of which performs the logic AND function The DM64ALS08 version features the same performance as the standard version DM74ALS08 with a guarantee over an extended temperature range (b40 Cto a85 C) Features Y Switching specifications at 50 pF Y Switching specifications guaranteed over full tempera- ture and VCC range Y Advanced oxide-isolated ion-implanted Schottky TTL process Y Functionally and pin for pin compatible with Schottky and low power Schottky TTL counterpart Y Improved AC performance over Schottky and low pow- er Schottky counterparts Y DM64ALS08 guaranteed over extended temperature b 40 Cto a85 C Connection Diagram Dual-In-Line Package TLF6271 – 1 Order Number DM64ALS08M DM64ALS08N DM74ALS08M DM74ALS08N or DM74ALS08SJ See NS Package Number M14A M14D or N14A Function Table Y e AB Inputs Output AB Y LL L LH L HL L HH H H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
Numéro de pièce similaire - DM64ALS08 |
|
Description similaire - DM64ALS08 |