| Moteur de recherche de fiches techniques de composants électroniques |
|
MSM7650 Fiches technique(PDF) 13 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM7650 Fiches technique(HTML) 13 Page - OKI electronic componets |
|
13 / 34 page ![]() ¡ Semiconductor MSM7650 13/34 INPUT DATA FORMAT Input Digital Level The content conforms to CCIR601 (ITU-601). For chrominance input Cb and Cr, 2’s complement and offset binary formats are available by setting of internal registers. Input values outside the specified range are limited by internal clipping processing. The valid input levels of luminance signal and chrominance signal are shown below. 235 16 Y data Digital Level 100% White level Black Level 240(112) 16(–112) C data Digital Level 128(0) Note) Values are in offset binary format. (Values in parenthesis are in 2's complement format.) Input luminance signal level Input chrominance signal level Basic Pixel Sampling Ratio 4:2:2 and 4:1:1 sampling are supported. An internal register can control the sampling ratio. YD Y1 Y2 Y3 Y4 Y5 Y6 CLKX1 CD U1 V1 U3 V3 U5 V5 YD Y1 Y2 Y3 Y4 Y5 Y6 CLKX1 CD U1 V1 U5 V5 4:2:2 sampling 4:1:1 sampling |