| Moteur de recherche de fiches techniques de composants électroniques |
|
2N2222 Fiches technique(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
|
|||||||||||||||||||||||||||||
2N2222 Fiches technique(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
2 / 2 page ![]() 2N2220/2N2221/2N2222 300/600mA, Ultra-Fast Transient Response LDO Regulator www.artschip.com 2 Static characteristics (Tamb=25℃) 2N2220 2N2221 2N2222 Collector-base breakdown voltage (Ic=10µA) V(BR)CBO >60 >60 >60 V Collector-emitter Breakdown voltage (Ic=10mA) V(BR)CEO >30 >30 >30 V Emitter-base breakdown voltage (IE=10µA) V(BR)EBO >5 >5 >5 V Collector-emitter saturation voltage (IB=15mA; IC=150mA) VCEsat (IB=50mA ; Ic=500mA) VCEsat <0.4 - <0.4 <1.6 <0.4 <1.6 V V Base-emitter saturation voltage (Ic=150mA; IB=15mA) VBEsat (Ic=500mA; IB=50mA) VBEsat <1.3 - <1.3 <2.6 <1.3 <2.6 V V Emitter Cutoff Current (VEB=3V) IEBO <10 <10 <10 nA Collector cutoff current (VCB=50V) ICBO (VCB=50V; Tamb=150℃) ICBO <10 <10 <10 <10 <10 <10 nA µA DC current gain (VCE=10V; IC=0.1mA) hFE (VCE=10V; Ic=1mA) hFE (VCE=10V; Ic=10mA) hFE (VCE=10V;IC=150mA) hFE (VCE=10V; IC=500mA) hFE (VCE=10V; IC=150mA) hFE - >12 >17 20 to 60 - >10 >20 >25 >35 40 to 120 >20 >20 >35 >50 >75 100 to 300 >30 >50 - - - - - - Dynamic characteristics (Tamb=25℃) Collector base capacitance (VCB=10V; f=1MHz) CCBO <8 <8 <8 pF Transition frequency (VCE=20V; Ic=20mA; f=100MHz) fT >250 >250 >250 MHz Switching times: (Vcc=20V; Ic=150mA; IB1 approx. IB2 approx. 150mA Delay time td Rise time tr Storage time ts Fall time tf 5 15 190 23 5 15 190 23 5 15 190 23 ns ns ns ns |