| Moteur de recherche de fiches techniques de composants électroniques |
|
SD5D18-R82N Fiches technique(PDF) 2 Page - FENGJUI TECHNOLOGY CO., LTD. |
|
|
|||||||||||||||||||||||||||||
SD5D18-R82N Fiches technique(HTML) 2 Page - FENGJUI TECHNOLOGY CO., LTD. |
|
2 / 3 page ![]() FENG-JUI TECHNOLOGY CO., LTD SLIM INDUCTOR-RoHS Your Perfect Inductor Rev.1801 Part Number L (uH) Marking DCR (ΩTyp.) Isat (A) Irms (A) SD5D18-101M 100±20% 101 1.47 0.321 0.419 SD5D18-151M 150±20% 151 2.18 0.263 0.345 SD5D18-221M 220±20% 221 2.95 0.217 0.296 SD5D18-331M 330±20% 331 4.20 0.177 0.248 SD5D18-471M 470±20% 471 6.39 0.148 0.201 SD5D18-681M 680±20% 681 9.28 0.124 0.167 SD5D18-821M 820±20% 821 12.35 0.113 0.145 SD5D18-102M 1000±20% 102 14.01 0.102 0.136 Note1. Measurement frequency of Inductance value : at 100KHz Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃ Note3. Isat: DC current at which the inductance drops 30% from its value without current Note4. Irms: Average current for 40℃ temperature rise from 25℃ ambient Note5. Inductance tolerance: M: ±20% Note6.Packaging: Taping ; Quantity: 1000 Piece/reel |