Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD5D18-R47N Fiches technique(PDF) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

No de pièce SD5D18-R47N
Description  SLIM INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Site Internet  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

SD5D18-R47N Fiches technique(HTML) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

  SD5D18-R47N Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. SD5D18-R47N Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. SD5D18-R47N Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SLIM INDUCTOR-RoHS
Your Perfect Inductor
Rev.1801
Part Number
L
(uH)
Marking
DCR
(ΩTyp.)
Isat
(A)
Irms
(A)
SD5D18-101M
100±20%
101
1.47
0.321
0.419
SD5D18-151M
150±20%
151
2.18
0.263
0.345
SD5D18-221M
220±20%
221
2.95
0.217
0.296
SD5D18-331M
330±20%
331
4.20
0.177
0.248
SD5D18-471M
470±20%
471
6.39
0.148
0.201
SD5D18-681M
680±20%
681
9.28
0.124
0.167
SD5D18-821M
820±20%
821
12.35
0.113
0.145
SD5D18-102M
1000±20%
102
14.01
0.102
0.136
Note1. Measurement frequency of Inductance value : at 100KHz
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 30% from its value without current
Note4. Irms: Average current for 40℃ temperature rise from 25℃ ambient
Note5. Inductance tolerance: M: ±20%
Note6.Packaging: Taping ; Quantity: 1000 Piece/reel



Html Pages

1 2 3