| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29DL320G Fiches technique(PDF) 49 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29DL320G Fiches technique(HTML) 49 Page - SPANSION |
|
49 / 58 page ![]() September 27, 2004 Am29DL320G 47 AC CHARACTERISTICS Alternate CE# Controlled Erase and Program Operations Notes: 1. Not 100% tested. 2. See the “Erase And Programming Performance” section for more information. Parameter Speed Options JEDEC Std Description 70 90 120 Unit t AVAV t WC Write Cycle Time (Note 1) Min 70 90 120 ns t AVWL t AS Address Setup Time Min 0 ns t ELAX t AH Address Hold Time Min 45 45 50 ns t DVEH t DS Data Setup Time Min 35 45 50 ns t EHDX t DH Data Hold Time Min 0 ns t GHEL t GHEL Read Recovery Time Before Write (OE# High to WE# Low) Min 0 ns t WLEL t WS WE# Setup Time Min 0 ns t EHWH t WH WE# Hold Time Min 0 ns t ELEH t CP CE# Pulse Width Min 30 35 50 ns t EHEL t CPH CE# Pulse Width High Min 30 ns t WHWH1 t WHWH1 Programming Operation (Note 2) Byte Typ 5 µs Word Typ 7 t WHWH1 t WHWH1 Accelerated Programming Operation, Word or Byte (Note 2) Typ 4 µs t WHWH2 t WHWH2 Sector Erase Operation (Note 2) Typ 0.4 sec |