| Moteur de recherche de fiches techniques de composants électroniques |
|
93C66CEP Fiches technique(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93C66CEP Fiches technique(HTML) 17 Page - Microchip Technology |
|
17 / 24 page ![]() 2003 Microchip Technology Inc. DS21795B-page 17 93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C 8-Lead Plastic Thin Shrink Small Outline (ST) – 4.4 mm (TSSOP) 10 5 0 10 5 0 β Mold Draft Angle Bottom 10 5 0 10 5 0 α Mold Draft Angle Top 0.30 0.25 0.19 .012 .010 .007 B Lead Width 0.20 0.15 0.09 .008 .006 .004 c Lead Thickness 0.70 0.60 0.50 .028 .024 .020 L Foot Length 3.10 3.00 2.90 .122 .118 .114 D Molded Package Length 4.50 4.40 4.30 .177 .173 .169 E1 Molded Package Width 6.50 6.38 6.25 .256 .251 .246 E Overall Width 0.15 0.10 0.05 .006 .004 .002 A1 Standoff § 0.95 0.90 0.85 .037 .035 .033 A2 Molded Package Thickness 1.10 .043 A Overall Height 0.65 .026 p Pitch 8 8 n Number of Pins MAX NOM MIN MAX NOM MIN Dimension Limits MILLIMETERS* INCHES Units α A2 A A1 L c β φ 1 2 D n p B E E1 Foot Angle φ 04 80 48 * Controlling Parameter Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005” (0.127mm) per side. JEDEC Equivalent: MO-153 Drawing No. C04-086 § Significant Characteristic |