| Moteur de recherche de fiches techniques de composants électroniques |
|
WRZ8000 Fiches technique(PDF) 1 Page - D+H Mechatronic AG |
|
|
|||||||||||||||||||||||||||||
WRZ8000 Fiches technique(HTML) 1 Page - D+H Mechatronic AG |
|
1 / 2 page ![]() Modules Operation elements Weather sensors Performance features » Compact ventilation control panel » For activating 230 V AC ventilation drives » For controlling up to 20 ventilation groups in conjunction with cut‑off relay modules » Input for external controller, e.g. timer » Central weather monitoring function (central CLOSED) in conjunction with multiple TRL 8 » LED displays for wind and rain » Continuous configuration of the wind strength switch point (2 ‑ 8 Bft.) and signal retention time (1 ‑ 15 minutes) » Exceeding wind switching threshold and automatic mode ON / OFF » Bargraph display for wind strength (Beaufort) and LED for wind signal save function » Surface‑mounted plastic housing WRZ Series CNV control panel WRZ 8000 Accessories We reserve the right to make changes. ©2018 D+H Mechatronic AG, Ammersbek |
Numéro de pièce similaire - WRZ8000 |
|
Description similaire - WRZ8000 |