Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPD9511B Fiches technique(PDF) 4 Page - Will Semiconductor Ltd.

No de pièce SPD9511B
Description  1-Line, Bi-directional, Thyristor Surge Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WILLSEMI [Will Semiconductor Ltd.]
Site Internet  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

SPD9511B Fiches technique(HTML) 4 Page - Will Semiconductor Ltd.

  SPD9511B Datasheet HTML 1Page - Will Semiconductor Ltd. SPD9511B Datasheet HTML 2Page - Will Semiconductor Ltd. SPD9511B Datasheet HTML 3Page - Will Semiconductor Ltd. SPD9511B Datasheet HTML 4Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPD9511B
Will Semiconductor Ltd.
4
Revision 1.0, 2013/12/23
Package outline dimensions
SMB
Symbol
Dimensions in millimeter
Min.
Typ.
Max.
A
4.30
4.50
4.70
B
3.30
3.50
3.70
C
2.00
2.15
2.30
D
5.05
5.30
5.55
E
0.10
0.20
0.30
F
0.95
1.25
1.55
G
0.20 Max.
H
2.10
2.30
2.50
I
1.85
2.00
2.15
Recommend land pattern (Unit: mm)
Notes:
This recommended land pattern is for reference
purposes only. Please consult your manufacturing
group to ensure your PCB design guidelines are met.



Html Pages

1 2 3 4