Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPD9112W Fiches technique(PDF) 5 Page - Will Semiconductor Ltd.

No de pièce SPD9112W
Description  1 Lines, Bi-directional, Low Capacitance Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WILLSEMI [Will Semiconductor Ltd.]
Site Internet  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

SPD9112W Fiches technique(HTML) 5 Page - Will Semiconductor Ltd.

  SPD9112W Datasheet HTML 1Page - Will Semiconductor Ltd. SPD9112W Datasheet HTML 2Page - Will Semiconductor Ltd. SPD9112W Datasheet HTML 3Page - Will Semiconductor Ltd. SPD9112W Datasheet HTML 4Page - Will Semiconductor Ltd. SPD9112W Datasheet HTML 5Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Will Semico
Package
Recomm
onductor Lt
outline di
end land p
0.80
-
L
td.
imensions
pattern (U
1.40
E1
E
s
Unit: mm)
5
SOD-323
Not
This
purp
grou
+
L1
Symbol
A
A1
A2
b
c
D
E
E1
L
L1
θ
es:
s recommen
poses only.
up to ensure
Re
Dimen
Min.
0.800
0.000
0.800
0.250
0.080
1.200
1.600
2.500
0.250
0
°
nded land p
Please con
your PCB d
A1
SP
evision 1.1,
nsions in mi
Typ.
-
-
-
-
-
-
-
-
0.475 REF
-
-
pattern is f
nsult your m
esign guidel
A
A2
PD9112W
2015/11/20
llimeters
Max.
1.000
0.100
0.900
0.350
0.150
1.400
1.800
2.700
F
0.400
8
°
or reference
manufacturing
ines are met
W
e
g
t.



Html Pages

1 2 3 4 5