Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPD9105W-2/TR Fiches technique(PDF) 5 Page - Will Semiconductor Ltd.

No de pièce SPD9105W-2/TR
Description  1 Lines, Bi-directional, low Capacitance Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WILLSEMI [Will Semiconductor Ltd.]
Site Internet  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

SPD9105W-2/TR Fiches technique(HTML) 5 Page - Will Semiconductor Ltd.

  SPD9105W-2/TR Datasheet HTML 1Page - Will Semiconductor Ltd. SPD9105W-2/TR Datasheet HTML 2Page - Will Semiconductor Ltd. SPD9105W-2/TR Datasheet HTML 3Page - Will Semiconductor Ltd. SPD9105W-2/TR Datasheet HTML 4Page - Will Semiconductor Ltd. SPD9105W-2/TR Datasheet HTML 5Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPD9105W
Will Semiconductor Ltd.
5
Revision 1.1, 2014/11/24
Package outline dimensions
SOD-323
Symbol
Dimensions in millimeters
Dimensions in Inches
Min.
Max.
Min.
Max.
A
0.800
1.000
0.031
0.039
A1
0.000
0.100
0.000
0.004
A2
0.800
0.900
0.031
0.035
b
0.250
0.350
0.010
0.014
c
0.080
0.150
0.003
0.006
D
1.200
1.400
0.047
0.055
E
1.600
1.800
0.063
0.071
E1
2.500
2.700
0.098
0.106
L
0.475 REF
0.019 REF
L1
0.250
0.400
0.010
0.016
θ
0
°
8
°
0
°
8
°
Recommend land pattern (Unit: mm)
Note: This land pattern is for your reference
only. Actual pad layouts may vary depending
on application.



Html Pages

1 2 3 4 5