Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

POS2R2 Fiches technique(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

No de pièce POS2R2
Description  SMD POWER INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Site Internet  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

POS2R2 Fiches technique(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  POS2R2 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. POS2R2 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. POS2R2 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev.1701
POS □□□□ TYPE
●FEATURE
1. High current capacity and Low DCR (POS1608 used ceramic base)
2. High heat resistance, ideal for reflow soldering
3. Magnetic shielded type
●Applications
1. Portable communication equipment, notebook computer
2. Set top box and Notebook and Server,etc
●Shape and Dimension
●Schematics and Land Patterns(mm)
●Specification
Dimension in m/m
TYPE
A
B
D
C
E
F
G
I
H
POS 1608
6.6 MAX
4.45 MAX 2.92 MAX
4.32
1.27
1.02
6.70
4.30
1.30
POS 3316
13.0 MAX
9.5 MAX
5.21 MAX
7.62
2.54
2.54
13.00
7.62
3.00
POS 5022
18.6 MAX 15.3 MAX 7.62 MAX
12.70
2.54
2.54
18.70 12.70
3.00
Note1. Measurement frequency of Inductance value : at 100KHz, 0.1V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. IDC : This indicates the value of current when the inductances is 30% lower than its initial
value at D.C. superimposition or D.C. current when at ∆t=40℃,which is lower.(Ta=20℃)
Note4. Inductance tolerance: M: ±20%
Note5. Ordering Code: TYPE NAME: POS3316
Main Inductance: 100 (10uH)
Tolerance : M (±20%)
Note6.Packaging: Taping ; Quantity: POS1608: 2000 Pieces/reel ; POS3316: 1000 Pieces/reel ;
POS5022: 300 Pieces/reel ;
.
G
I
A
1R0
Black
Marking
點6020H
EPOXY
E
C


Numéro de pièce similaire - POS2R2

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
POS-100 MINI-POS-100 Datasheet
235Kb / 2P
Voltage Controlled Oscillator
POS-100+ MINI-POS-100+ Datasheet
242Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
POS-100+ MINI-POS-100+ Datasheet
247Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
POS-100+ MINI-POS-100+ Datasheet
235Kb / 2P
Voltage Controlled Oscillator
POS-1000W MINI-POS-1000W Datasheet
236Kb / 2P
Voltage Controlled Oscillator
More results

Description similaire - POS2R2

FabricantNo de pièceFiches techniqueDescription
logo
FENGJUI TECHNOLOGY CO.,...
ANB1303 FENGJUI-ANB1303 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1311 FENGJUI-ANB1311 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
SCRB6028 FENGJUI-SCRB6028 Datasheet
164Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA4018 FENGJUI-SDIA4018 Datasheet
208Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA6045 FENGJUI-SDIA6045 Datasheet
177Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D18 FENGJUI-TPRH4D18 Datasheet
193Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D18 FENGJUI-TPRH5D18 Datasheet
216Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D28R FENGJUI-TPRH5D28R Datasheet
210Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com