| Moteur de recherche de fiches techniques de composants électroniques |
|
ZP-RZN4404-KV2 Fiches technique(PDF) 1 Page - D+H Mechatronic AG |
|
|
|||||||||||||||||||||||||||||
ZP-RZN4404-KV2 Fiches technique(HTML) 1 Page - D+H Mechatronic AG |
|
1 / 2 page ![]() Batteries Sheet steel housing Plastic housing SHEV operation panels Sensor systems Performance features » Compact SHEV control panel, specifically for stairwells » Up to 4 A total drive current » Stabilised output voltage » Switchable SHEV safety functions: Fault equal to alarm, SHEV retriggering function and smoke detector remote reset » Integrated comfort functions for daily ventilation » 1 slot for an additional module » Optional connection to rain detectors or wind / rain sensors without an additional module » Connection of up to 8 SHEV operation panels and 14 fire detectors per line (Only detectors permitted by D+H may be used) » Min. 72 hr battery backup supply RZN-K Series SHEV control panel - compact RZN 4404-K V2 Accessories We reserve the right to make changes. ©2018 D+H Mechatronic AG, Ammersbek |
Numéro de pièce similaire - ZP-RZN4404-KV2 |
|
Description similaire - ZP-RZN4404-KV2 |