| Moteur de recherche de fiches techniques de composants électroniques |
|
CI100505-R12J Fiches technique(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD. |
|
|
|||||||||||||||||||||||||||||
CI100505-R12J Fiches technique(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD. |
|
1 / 7 page ![]() FENG-JUI TECHNOLOGY CO., LTD EMI SOLOTION PRODUCTS-RoHS Your Perfect Inductor Rev.1001 Multilayer Ceramic Chip Inductor (CI SERIES) ●FEATURE 1. Support operating frequency bands up to 10GHz 2. Provides high Q characteristics 3. Monolithic structure for high reliability ●Applications 1. Mobile phones 2. Cordless phone or pagers and Other various electronic appliances ●Shape and Dimension ●Specification Dimension in m/m(in inches) TYPE A B C D 100505(0402) 1.0 ±0.05(0.039±0.002) 0.50 ±0.05(0.019±0.002) 0.5 ±0.05(0.019±0.002) 0.2 ±0.10 160808(0603) 1.6 ±0.15(0.063±0.006) 0.80 ±0.15(0.031±0.006) 0.8 ±0.15(0.031±0.006) 0.5 ±0.30 Note1: Test equipment: HP 4291A Impedance analyzer Note2: Inductance tolerance: S: ±0.3nH; J: ±5%; K: ±10% Note3.Packaging: Taping ; Quantity: CI100505:10000 Pieces/reel ; CI160808:4000 Pieces/reel B A C D Ferrite TERMINAL ELECTRODE CERAMIC |
Numéro de pièce similaire - CI100505-R12J |
|
Description similaire - CI100505-R12J |