Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MA7151RCP Fiches technique(PDF) 11 Page - Major-Power Technology Co., LTD.

No de pièce MA7151RCP
Description  Low Noise & Low voltage Single-Coil Fan/Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPOWER [Major-Power Technology Co., LTD.]
Site Internet  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7151RCP Fiches technique(HTML) 11 Page - Major-Power Technology Co., LTD.

Back Button MA7151RCP Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA7151RCP Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA7151RCP Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA7151RCP Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA7151RCP Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA7151RCP Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA7151RCP Datasheet HTML 9Page - Major-Power Technology Co., LTD. MA7151RCP Datasheet HTML 10Page - Major-Power Technology Co., LTD. MA7151RCP Datasheet HTML 11Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11/11
MA7151F/R
Major Power Technology Co., Ltd.
Rev.1.0 Sep.18, 2017
4. TDFN2X2-6L
E
D
A
A3
D2
e
E2
(Top View)
(Bottom
View)
b
Pin 1
L
SEATING PLANE
(SIDE View)
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
0.7
0.75
0.8
0.028
0.03
0.031
A1
0
0.02
0.05
0
0.001
0.002
A3
0.203 REF.
0.008 REF.
b
0.2
0.28
0.35
0.009
0.011
0.013
D
1.95
2
2.05
0.077
0.079
0.081
D2
1.35
1.5
1.65
0.055
0.059
0.063
E
1.95
2
2.05
0.077
0.079
0.081
E2
0.75
0.9
1.05
0.031
0.035
0.039
e
0.65 BSC.
0.026 BSC.
L
0.2
0.3
0.4
0.008
0.012
0.016



Html Pages

1 2 3 4 5 6 7 8 9 10 11