| Moteur de recherche de fiches techniques de composants électroniques |
|
IRF6621 Fiches technique(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF6621 Fiches technique(HTML) 8 Page - International Rectifier |
|
8 / 9 page ![]() IRF6621 8 www.irf.com DirectFET Outline Dimension, SQ Outline (Small Size Can, Q-Designation). Please see DirectFET application note AN-1035 for all details regarding the assembly of DirectFET. This includes all recommendations for stencil and substrate designs. DirectFET Part Marking CODE A B C D E F G H J K L M N P IMPERIAL MIN 4.75 3.70 2.75 0.35 0.48 0.48 0.88 0.78 N/A 0.93 2.00 0.59 0.03 0.08 MAX 4.85 3.95 2.85 0.45 0.52 0.52 0.92 0.82 N/A 0.97 2.10 0.70 0.08 0.17 MIN 0.187 0.146 0.108 0.014 0.019 0.019 0.035 0.031 N/A 0.037 0.079 0.023 0.001 0.003 METRIC DIMENSIONS MAX 0.191 0.156 0.112 0.018 0.020 0.020 0.036 0.032 N/A 0.038 0.083 0.028 0.003 0.007 |