Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HVC190 Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce HVC190
Description  Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC190 Fiches technique(HTML) 4 Page - Renesas Technology Corp

  HVC190 Datasheet HTML 1Page - Renesas Technology Corp HVC190 Datasheet HTML 2Page - Renesas Technology Corp HVC190 Datasheet HTML 3Page - Renesas Technology Corp HVC190 Datasheet HTML 4Page - Renesas Technology Corp HVC190 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HVC190
Rev.1.00 Dec 22, 2004 page 4 of 4
Package Dimensions
Package Code
JEDEC
JEITA
Mass (reference value)
UFP
—
Conforms
0.0016 g
1.2 ± 0.10
1.6 ± 0.10
As of January, 2003
Unit: mm



Html Pages

1 2 3 4 5