| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS85222AMLF Fiches technique(PDF) 3 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS85222AMLF Fiches technique(HTML) 3 Page - Integrated Circuit Systems |
|
3 / 12 page ![]() 85222AM www.icst.com/products/hiperclocks.html REV. B MARCH 31, 2005 3 Integrated Circuit Systems, Inc. ICS85222 DUAL LVCMOS / LVTTL-TO- DIFFERENTIAL LVHSTL TRANSLATOR TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, V DD = 3.3V±5%, VDD = 2.5V±5%, T A = 0°C TO 70°C TABLE 3B. LVCMOS / LVTTL DC CHARACTERISTICS, V DD = 3.3V±5%, VDD = 2.5V±5%, T A = 0°C TO 70°C l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U V D D e g a t l o V y l p p u S e v i t i s o P 5 3 1 . 33 . 35 6 4 . 3V V D D e g a t l o V y l p p u S e v i t i s o P 5 7 3 . 25 . 25 2 6 . 2V I D D t n e r r u C y l p p u S r e w o P 5 4A m l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U V H I e g a t l o V h g i H t u p n I1 K L C , 0 K L C2 V D D 3 . 0 +V V L I e g a t l o V w o L t u p n I1 K L C , 0 K L C3 . 0 -3 . 1V I H I t n e r r u C h g i H t u p n I1 K L C , 0 K L C V D D V = N I , V 5 6 4 . 3 = V D D V = N I V 5 2 6 . 2 = 0 5 1A µ I L I t n e r r u C w o L t u p n I1 K L C , 0 K L C V D D V = N I , V 5 6 4 . 3 = V D D V = N I V 5 2 6 . 2 = 5 -A µ TABLE 3C. LVHSTL DC CHARACTERISTICS, V DD = 3.3V±5%, VDD = 2.5V±5%, T A = 0°C TO 70°C l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U V H O 1 E T O N ; e g a t l o V h g i H t u p t u O 12 . 1V V L O 1 E T O N ; e g a t l o V w o L t u p t u O V D D % 5 ± V 3 . 3 =0 4 . 0V V D D % 5 ± V 5 . 2 =0 5 5 . 0V V G N I W S g n i w S e g a t l o V t u p t u O k a e P - o t - k a e P V D D % 5 ± V 3 . 3 =6 . 02 . 1V V D D % 5 ± V 5 . 2 =5 4 . 02 . 1V 0 5 h t i w d e t a n i m r e t s t u p t u O : 1 E T O N Ω . D N G o t ABSOLUTE MAXIMUM RATINGS Supply Voltage, V DD 4.6V Inputs, V I -0.5V to V DD + 0.5V Outputs, I O Continuous Current 50mA Surge Current 100mA Package Thermal Impedance, θ JA 112.7°C/W (0 lfpm) Storage Temperature, T STG -65°C to 150°C NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.These ratings are stress specifications only. Functional operation of product at these conditions or any conditions be- yond those listed in the DC Characteristics or AC Character- istics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability. |