| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE7756ARSRL Fiches technique(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7756ARSRL Fiches technique(HTML) 9 Page - Analog Devices |
|
9 / 32 page ![]() REV. 0 –9– Typical Performance Characteristics–ADE7756 AMPS 0.01 –0.50 –0.40 –0.30 –0.20 –0.10 0 0.10 0.20 0.30 0.40 0.50 0.10 1.0 10.0 100.0 PF = 1 GAIN = 1 ON-CHIP REFERENCE –40 C +25 C +85 C TPC 1. Error as a % of Reading (Power Factor = 1, Internal Reference, Gain = 1) AMPS 0.01 –0.50 –0.40 –0.30 –0.20 –0.10 0 0.10 0.20 0.30 0.40 0.50 0.10 1.0 10.0 100.0 PF = 1 GAIN = 2 ON-CHIP REFERENCE –40 C +25 C +85 C TPC 2. Error as a % of Reading (Power Factor = 1, Internal Reference, Gain = 2) AMPS 0.01 –0.50 –0.40 –0.30 –0.20 –0.10 0 0.10 0.20 0.30 0.40 0.50 0.10 1.0 10.0 100.0 PF = 1 GAIN = 4 ON-CHIP REFERENCE –40 C +25 C +85 C TPC 3. Error as a % of Reading (Power Factor = 1, Internal Reference, Gain = 4) AMPS 0.01 –0.50 –0.40 –0.30 –0.20 –0.10 0 0.10 0.20 0.30 0.40 0.50 0.10 1.0 10.0 100.0 PF = 0.5 GAIN = 1 ON-CHIP REFERENCE –40 C, PF = 0.5 +25 C, PF = 0.5 +85 C, PF = 0.5 +25 C, PF = 1.0 TPC 4. Error as a % of Reading (Power Factor = 0.5, Internal Reference, Gain = 1) AMPS 0.01 –0.50 –0.40 –0.30 –0.20 –0.10 0 0.10 0.20 0.30 0.40 0.50 0.10 1.0 10.0 100.0 PF = 0.5 GAIN = 2 ON-CHIP REFERENCE –40 C, PF = 0.5 +25 C, PF = 0.5 +85 C, PF = 0.5 +25 C, PF = 1.0 TPC 5. Error as a % of Reading (Power Factor = 0.5, Internal Reference, Gain = 2) AMPS 0.01 –0.50 –0.40 –0.30 –0.20 –0.10 0 0.10 0.20 0.30 0.40 0.50 0.10 1.0 10.0 100.0 PF = 0.5 GAIN = 4 ON-CHIP REFERENCE –40 C, PF = 0.5 +25 C, PF = 0.5 +85 C, PF = 0.5 +25 C, PF = 1.0 TPC 6. Error as a % of Reading (Power Factor = 0.5, Internal Reference, Gain = 4) |