| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29PDL640G Fiches technique(PDF) 60 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29PDL640G Fiches technique(HTML) 60 Page - SPANSION |
|
60 / 61 page ![]() February 26, 2003 Am29PDL640G 59 P R E L I M INARY SecSi Sector Flash Memory Region, and Enter SecSi Sector/Exit SecSi Sector Command Sequence Noted that the ACC function and unlock bypass modes are not available when the SecSi sector is enabled. Byte/Word Program Command Sequence, Sector Erase Command Sequence, and Chip Erase Com- mand Sequence Noted that the SecSi Sector, autoselect, and CFI functions are unavailable when a program or erase operation is in progress. Common Flash Memory Interface (CFI) Changed CFI website address. Test Conditions Modified speed grade option rows to state “All Speeds”. Table 17. Test Specifications, Read-Only Operations, and Erase and Programing Operations Noted that one must write SecSi Sector reset before PPB program/erase. Table 15. Sector Protection Command Definitions Added Note # 17 and 18. Table 17. Test Specifications, Read-Only Operations, and Erase and Programing Operations Added 63 option to tables. Revision B+1 (February 26, 2003) Table 17. Test Specification Updated output load capacitance. Trademarks Copyright © 2002 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. |