| Moteur de recherche de fiches techniques de composants électroniques |
|
NUC505-YO2T Fiches technique(PDF) 66 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
NUC505-YO2T Fiches technique(HTML) 66 Page - Nuvoton Technology Corporation |
|
66 / 130 page ![]() NUC505 July. 26, 2018 Page 66 of 130 Rev.1.08 Group Pin Name GPIO MFP* Type Description TM2_EXT PC.10 MFP2 I Timer2 external counter input TM3_CNT_OUT PC.11 MFP2 I/O Timer3 event counter input / toggle output. TM3_EXT PC.12 MFP2 I Timer3 external counter input UART0 UART0_RXD PB.1 MFP3 I Data receiver input pin for UART0. UART0_TXD PB.0 MFP3 O Data transmitter output pin for UART0. UART1 UART1_RXD PA.9 MFP3 I Data receiver input pin for UART1. UART1_RXD PB.7 MFP3 I Data receiver input pin for UART1. UART1_TXD PA.8 MFP3 O Data transmitter output pin for UART1. UART1_TXD PB.6 MFP3 O Data transmitter output pin for UART1. UART1_nCTS PB.8 MFP3 I Clear to Send input pin for UART1. UART1_nRTS PB.9 MFP3 O Request to Send output pin for UART1. UART2 UART2_RXD PB.11 MFP3 I Data receiver input pin for UART2. UART2_TXD PB.10 MFP3 O Data transmitter output pin for UART2. UART2_nCTS PB.12 MFP3 I Clear to Send input pin for UART2. UART2_nRTS PB.13 MFP3 O Request to Send output pin for UART2. USB Host Lite USBH_PWEN PB.8 MFP1 O USB host to control an external overcurrent source. USBH_VOD PB.9 MFP1 I USB host lite over voltage detector USBH2_D+ PC.13 MFP1 A USB host lite 2 differential signal D+. USBH2_D- PC.14 MFP1 A USB host lite 2 differential signal D-. USBH1_D+ PB.12 MFP2 A USB host lite 1 differential signal D+. USBH1_D+ PB.14 MFP1 A USB host lite 1 differential signal D+. USBH1_D- PB.13 MFP2 A USB host lite 1 differential signal D-. USBH1_D- PB.15 MFP1 A USB host lite 1 differential signal D-. SDH SD_CLK PA.10 MFP4 O SD/SDH mode - clock SD_CLK PB.3 MFP4 O SD/SDH mode – clock SD_CLK PC.1 MFP1 O SD/SDH mode – clock SD_CMD PA.11 MFP4 O SD/SDH mode – command/response SD_CMD PB.2 MFP4 O SD/SDH mode – command/response SD_CMD PC.0 MFP1 O SD/SDH mode – command/response SD_nCD PA.13 MFP4 I SD/SDH mode – card detect. SD_nCD PB.5 MFP4 I SD/SDH mode – card detect. SD_nCD PC.2 MFP1 I SD/SDH mode – card detect. SD_DAT0 PA.14 MFP4 I/O SD/SDH mode data line bit 0. |