Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74V2T241STR Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce 74V2T241STR
Description  DUAL BUS BUFFER NON INVERTED (3-STATE)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2T241STR Fiches technique(HTML) 7 Page - STMicroelectronics

  74V2T241STR Datasheet HTML 1Page - STMicroelectronics 74V2T241STR Datasheet HTML 2Page - STMicroelectronics 74V2T241STR Datasheet HTML 3Page - STMicroelectronics 74V2T241STR Datasheet HTML 4Page - STMicroelectronics 74V2T241STR Datasheet HTML 5Page - STMicroelectronics 74V2T241STR Datasheet HTML 6Page - STMicroelectronics 74V2T241STR Datasheet HTML 7Page - STMicroelectronics 74V2T241STR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
74V2T241
7/8
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
180
7.086
C
12.8
13.0
13.2
0.504
0.512
0.519
D
20.2
0.795
N
60
2.362
T
14.4
0.567
Ao
3.13
3.23
3.33
0.123
0.127
0.131
Bo
3.07
3.17
3.27
0.120
0.124
0.128
Ko
1.27
1.37
1.47
0.050
0.054
0.0.58
Po
3.9
4.0
4.1
0.153
0.157
0.161
P
3.9
4.0
4.1
0.153
0.157
0.161
Tape & Reel SOT23-xL MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8