Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BL-R2132L Fiches technique(PDF) 2 Page - Yellow Stone Corp

No de pièce BL-R2132L
Description  STANDARD LED LAMPS(RECTANGULAR TYPES)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YSTONE [Yellow Stone Corp]
Site Internet  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-R2132L Fiches technique(HTML) 2 Page - Yellow Stone Corp

  BL-R2132L Datasheet HTML 1Page - Yellow Stone Corp BL-R2132L Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L-073
BL-Rxx32D Series
L-074
BL-Rxx32E Series
L-075
BL-Rxx32F Series
L-076
BL-Rxx32H Series
L-077
BL-Rxx32J Series
L-078
BL-Rxx32K Series
L-079
BL-Rxx32L Series
L-080
BL-Rxx22N Series
Notes 1.All Dimensions are in millimeters (inches).
2.Tolerance isA0.25mm (.010 ).
MIN.
NOM.
1.5(.059) MAX.
0.5(.020) SQ.TYP.
2.6(.102)
2.7(.106)
1.0(.039)
25.4(1.00) MIN.
2.54(.100)
5.0(.197)
7.5(.295)
1.0(.039)
3.5(.138)
5.1(.201)
NOM.
MIN.
MAX.
0.5(.020) SQ.TYP.
2.5(.098)
1.5(.059)
25.4(1.00) MIN.
1.0(.039)
2.54(.100)
8.7(.343)
5.0(.197)
5.1(.201)
2.6(.102)
NOM.
MIN.
3.0(.118)
0.5(.020) SQ.TYP.
2.7(.107)
9.3(.366)
1.0(.039)
1.0(.039)
2.54(.100)
25.4(1.00) MIN.
1.5(.059) MAX.
5.0(.197)
4.0(.157)
5.1(.201)
MIN.
NOM.
3.3(.130)
2.4(.094)
2.5(.098)
0.5(.020) SQ.TYP.
1.0(.039)
2.54(.100)
1.5(.059) MAX.
4.9(.193)
25.4(1.00) MIN.
2.4(.094)
6.1(.240)
3.5(.138)
5.0(.197)
MIN.
NOM.
25.4(1.00) MIN.
1.5(.059) MAX.
0.5(.020) SQ.TYP.
2.54(.100)
1.0(.039)
2.2(.087)
7.0(.027)
2.1(.082)
6.9(.271)
7.7(.303)
NOM.
MIN.
4.7(.185)
1.5(.059) MAX.
0.9(.035)
25.4(1.00) MIN.
1.0(.039)
2.54(.100)
0.5(.020) SQ.TYP.
4.8(.189)
2.8(.110)
2.5(.098)
3.7(.146)
2.4(.094)
1.5 (.059) MAX.
2.54 (.10) NOM.
1.0 (.04)
MIN.
1.9(.075)
2.0(.079)
5.0(.197)
7.0(.276)
0.5(.02) SQ. TYP.
0.5(.02) SQ. TYP.
12.7(.500) MIN.
NOM.
MIN.
1.5(.059) MAX.
5.6(.220)
1.0(.039)
2.54(.100)
0.5(.020) SQ.TYP.
25.4(1.00) MIN.
4.0(.157)
5.1(.201)
5.0(.197)
3.6(.142)
2.0(.079)
4.0(.157)
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.



Html Pages

1 2