| Moteur de recherche de fiches techniques de composants électroniques |
|
FS9721_LP3 Fiches technique(PDF) 8 Page - Fortune Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
FS9721_LP3 Fiches technique(HTML) 8 Page - Fortune Semiconductor Corp. |
|
8 / 39 page ![]() FS9721_LP3 Rev. 2.1 8/39 68 50 SEG12 O Segment 12 69 51 SEG11 O Segment 11 70 52 SEG10 O Segment 10 71 53 SEG9 O Segment 9 72 54 SEG8 O Segment 8 73 55 SEG7 O Segment 7 74 56 SEG6 O Segment 6 75 57 SEG5 O Segment 5 76 58 SEG4 O Segment 4 77 59 SEG3 O Segment 3 78 60 SEG2 O Segment 2 79 61 SEG1 O Segment 1 80 62 COM1 O Backplane 1 81 63 COM2 O Backplane 2 82 64 COM3 O Backplane 3 83 65 COM4 O Backplane 4 84 66 ENTX I RS232 Output Control 85 67 BEEPER O Buzzer Driver Output 86 68 BLOUT O Backlight Driver Output 87 69 RST I CPU Reset 88 NC Empty Pin 89 70 REFI I ADC Voltage Reference Input 90 71 REFO O Bandgap Output 91 72 FTA O ADC Wave Pre-Filter Positive Output 92 NC Empty Pin 93 73 FTB I ADC Wave Pre-Filter Positive Input 94 74 FTC I/O The Negative Terminal of ADC Wave Pre-Filter 95 75 TSTC I Testing Pin 96 76 OP1N I The Negative Input of AC Signal Buffer Operation Amplifier 97 NC Empty Pin 98 77 OP1O O AC Signal Buffer Operation Amplifier Output 99 NC Empty Pin 100 78 OP2P I The Positive Input of AC/DC Converter Operation Amplifier |