| Moteur de recherche de fiches techniques de composants électroniques |
|
FS9721_LP1 Fiches technique(PDF) 8 Page - Fortune Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
FS9721_LP1 Fiches technique(HTML) 8 Page - Fortune Semiconductor Corp. |
|
8 / 41 page ![]() FS9721_LP1 Rev. 2.0 7/41 76 58 SEG4 O Segment 4 77 59 SEG3 O Segment 3 78 60 SEG2 O Segment 2 79 61 SEG1 O Segment 1 80 62 COM1 O Backplane 1 of LCD Display 81 63 COM2 O Backplane 2 of LCD Display 82 64 COM3 O Backplane 3 of LCD Display 83 65 COM4 O Backplane 4 of LCD Display 84 66 ENTX I Not Used 85 67 BEEPER O Beeper Driver Output 86 68 BLOUT O Backlight Driver Output 87 69 RST I CPU Reset Input 88 NC Empty Pin 89 70 REFI I ADC Reference Voltage Input 90 71 REFO O Bandgap Reference Voltage Output 91 72 FTA O Positive Output of the ADC Wave Pre-filter 92 NC Empty Pin 93 73 FTB I Positive Input of the ADC Wave Pre-filter 94 74 FTC I/O Negative Point of the ADC Wave Pre-filter 95 75 TSTC I Test Pin 96 76 OP1N I Negative Input of the AC Buffer Operation Amplifier 97 NC Empty Pin 98 77 OP1O O Output of the AC Buffer Operation Amplifier 99 NC Empty Pin 100 78 OP2P I Positive Input of the AC/DC Converter Operation Amplifier |