| Moteur de recherche de fiches techniques de composants électroniques |
|
FS9701B-GCE Fiches technique(PDF) 13 Page - Fortune Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
FS9701B-GCE Fiches technique(HTML) 13 Page - Fortune Semiconductor Corp. |
|
13 / 46 page ![]() FS970X Rev. 4.4 13/46 AFT<6> RCTEN 0 Full-wave retifier AFT<4> ACEN 0 AC buffer ADG<7> ENAD 0 ADC SETADC<7:6> ENVDS, ENVCS 00 On/off power output MISC1<4> ENOSCO_ 1 OSCO output MISC1<3> ENXTL_ 1 Crystal oscillator circuit MISC2<1> ENGNDR_ 1 AGND voltage regulator Chart 2. Saving Mode Setup. On/Off Power Output VDDP(52)/ VCC(55) ENVDS/ ENVCS VDDS(51)/ VCCS(54) Graph 3 On/Off power output. VDDS and VCCS are the on/off power output of VDDP and VCC. The circuit is shown in Graph 3. VDDP/VCC flows into PMOS, output from VDDS/VCCS. PMOS on/off status is controlled by ENVDS/ ENVCS. When set under 0 and 1, PMOS is respectively under open/close status. Connecting VDDA to VDDS under saving mode, this will decrease VDDA power consumption to 0. |