Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS501 Fiches technique(PDF) 23 Page - Fortune Semiconductor Corp.

No de pièce FS501
Description  18-bit ADC with two low noise OPAMPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FORTUNE [Fortune Semiconductor Corp.]
Site Internet  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS501 Fiches technique(HTML) 23 Page - Fortune Semiconductor Corp.

Back Button FS501 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 27Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
By proper selection of the gain paths, this ADC can be applied to the optimum dynamic range for all the
measuring applications. Table 15 shows values of ADG<5:0> for three frequently used applications.
Table 15. FS501 ADC Typical Gain Setting
First Scale Second Scale Third Scale
ADG<5:0>
01_0011
11_0111
11_1000
Reference Voltage Gain(GREFi)
1.0
1.25
1.25
Input Voltage Gain(GSIGi)
1.0
1.25
0.1
The transfer function for each scale is as follows,
Equation 4
r e f
x
R E F i
S I G i
x
v
v
G
G
D
The gains for the reference voltages and input voltages shown in Table 15 are approximate values. The
accurate gains for the reference voltages and input voltages can be found by careful calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31