| Moteur de recherche de fiches techniques de composants électroniques |
|
BL-R4132E Fiches technique(PDF) 1 Page - Yellow Stone Corp |
|
|
|||||||||||||||||||||||||||||
BL-R4132E Fiches technique(HTML) 1 Page - Yellow Stone Corp |
|
1 / 2 page ![]() Chip Absolute Maximum Ratings Electro-optical Data(At 20mA) Vf (V) Iv (mcd) Package Part No. Material/ Emitted Color Peak Wave Length p(nm) Lens Appearance (nm) Pd (mw) If (mA) Peak (mA) Typ Max Typ. Viewing Angle 2 1/2 (deg) Drawing No. BL-R1132D GaAsP/GaAs/ Red 655 40 80 40 200 1.7 2.0 0.6 BL-R5132D GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 1.0 BL-R4532D GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 7.0 BL-R2132D GaP/GaP/ Green 568 Green Diffused 30 80 30 150 2.2 2.6 7.0 BL-R3132D GaAsP/GaP/ Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 6.0 BL-R4132D GaAsP/GaP/ Orange 635 Orange Diffused 45 80 30 150 2.0 2.6 7.0 2.6x5.0x 8.5mm 1.0" Lead Rectangular BL-R9132D GaP/GaP/ Pure Green 555 Green Diffused 25 80 30 150 2.2 2.6 0.5 130 L-073 BL-R1132E GaAsP/GaAs/ Red 655 40 80 40 200 1.7 2.0 0.5 BL-R5132E GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 0.8 BL-R4532E GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 7.0 BL-R2132E GaP/GaP/ Green 568 Green Diffused 30 80 30 150 2.2 2.6 7.0 BL-R3132E GaAsP/GaP / Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 6.0 BL-R4132E GaAsP/GaP / Orange 635 Orange Diffused 45 80 30 150 2.0 2.6 7.0 2.5x5.0x 8.7mm 1.0" Lead Rectangular BL-R9132E GaP/GaP/ Pure Green 555 Green Diffused 25 80 30 150 2.2 2.6 0.5 130 L-074 BL-R1132F GaAsP/GaAs/ Red 655 40 80 40 200 1.7 2.0 0.8 BL-R5132F GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 1.2 BL-R4132F GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 5.0 BL-R2132F GaP/GaP/ Green 568 Green Diffused 30 80 30 150 2.2 2.6 5.0 BL-R3132F GaAsP/GaP / Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 4.5 BL-R8132F GaAsP/GaP/ Amber 610 Orange Diffused 35 80 30 150 2.0 2.6 4.5 3.0x5.0x 10mm 1.0" Lead Rectangular BL-R9132F GaP/GaP / Pure Green 555 Green Diffused 25 80 30 150 2.2 2.6 0.8 125 L-075 BL-R1132H GaAsP/GaAs/ Red 655 40 80 40 200 1.7 2.0 0.8 BL-R5132H GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 1.6 BL-R4532H GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 5.0 BL-R2132H GaP/GaP/ Green 568 Green Diffused 30 80 30 150 2.2 2.6 5.0 BL-R3132H GaAsP/GaP / Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 4.5 BL-R4132H GaAsP/GaP / Orange 635 Orange Diffused 25 80 30 150 2.0 2.6 5.0 2.0x5.0x 7.8mm 1.0" Lead Rectangular BL-R9132H GaP/GaP/ Pure Green 555 Green Diffused 30 80 30 150 2.2 2.6 0.8 125 L-076 BL-R1132J GaAsP/GaAs/ Red 655 40 80 40 200 1.7 2.0 0.6 BL-R5132J GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 1.0 BL-R4532J GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 6.0 BL-R2132J GaP/ GaP Green 568 Green Diffused 30 80 30 150 2.2 2.6 6.0 BL-R3132J GaAsP/GaP / Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 5.0 BL-R4132J GaAsP/GaP / Orange 635 Orange Diffused 25 80 30 150 2.0 2.6 6.0 2.4x5.0x 8.4mm 1.0" Lead Rectangular BL-R9132J GaP/GaP / Pure Green 555 Green Diffused 30 80 30 150 2.2 2.6 0.6 125 L-077 BL-R1132K GaAsP/GaAs/ Red 655 40 80 40 200 1.7 2.0 0.6 BL-R5132K GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 1.0 BL-R4532K GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 7.0 BL-R2132K GaP/ GaP Green 568 Green Diffused 30 80 30 150 2.2 2.6 7.0 BL-R3132K GaAsP/ GaP/ Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 6.0 BL-R4132K GaAsP/GaP/ Orange 635 Orange Diffused 45 80 30 150 2.0 2.6 7.0 2.1x6.9x 7.7mm 1.0" Lead Rectangular BL-R9132K GaP/GaP / Pure Green 555 Green Diffused 25 80 30 150 2.2 2.6 0.6 125 L-078 BL-R1132L GaAsP/GaAs/ Red 655 40 80 40 200 1.7 2.0 0.4 BL-R5132L GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 0.6 BL-R4532L GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 4.0 BL-R2132L GaP/GaP/ Green 568 Green Diffused 30 80 30 150 2.2 2.6 4.0 BL-R3132L GaAsP/GaP/ Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 3.0 2.4x4.8x 4.6mm 1.0" Lead Rectangular BL-R4132L GaAsP/GaP/ Orange 635 Orange Diffused 25 80 30 150 2.0 2.6 0.6 125 L-079 BL-R1122N GaAsP/GaAs/ Red 655 40 80 40 200 1.7 2.0 0.5 BL-R5122N GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 0.7 BL-R4522N GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 4.5 BL-R2122N GaP/GaP/ Green 568 Green Diffused 30 80 30 150 2.2 2.6 4.5 2.0x5.0x 7.0mm 0.5" Lead Rectangular BL-R3122N GaAsP/GaP / Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 3.5 140 L-080 Remark 1.Hi-Eff Red / High-Efficiency Red. 2.Trans / Transparent. 3.2 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity. Yellow Stone corp. www.ystone.com.tw 886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice. |
Numéro de pièce similaire - BL-R4132E |
|
Description similaire - BL-R4132E |