Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PF5B3BA Fiches technique(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

No de pièce PF5B3BA
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Site Internet  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PF5B3BA Fiches technique(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  PF5B3BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PF5B3BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PF5B3BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PF5B3BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P-Channel Enhancement
Mode Field Effect Transistor
PF5B3BA
TO-220F
Halogen-Free & Lead-Free
NIKO-SEM
REV1.0
2
H-19-3
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN TYP MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = -250A
-40
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250A
-1
-1.6
-3
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±25V
±100 nA
Zero Gate Voltage Drain Current
IDSS
VDS = -32V, VGS = 0V
-1
A
VDS = -30V, VGS = 0V, TJ = 125 °C
-10
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = -4.5V, ID = -15A
9.1
14
mΩ
VGS = -10V, ID = -20A
6.9
8
Forward Transconductance
1
gfs
VDS = -5V, ID = -20A
62
S
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = -20V, f = 1MHz
3880
pF
Output Capacitance
Coss
505
Reverse Transfer Capacitance
Crss
401
Gate resistance
Rg
VGS=0V,VDS=0V, f=1MHz
3.3
Ω
Total Gate Charge
2
Qg
VDS = -20V , VGS= -10V , ID =-20A
83
nC
Gate-Source Charge
2
Qgs
9.5
Gate-Drain Charge
2
Qgd
19.8
Turn-On Delay Time
2
td(on)
VDS = -20V,
ID  -20A, VGS = -10V, RGS = 6Ω
22
nS
Rise Time
2
tr
81
Turn-Off Delay Time
2
td(off)
165
Fall Time
2
tf
151
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Continuous Current
IS
-31
A
Forward Voltage
1
VSD
IF = -20A, VGS = 0V
-1.3
V
Reverse Recovery Time
trr
IF = -20A, dlF/dt = 100A / S
31
nS
Reverse Recovery Charge
Qrr
16
nC
1Pulse test : Pulse Width  300 sec, Duty Cycle  2%.
2Independent of operating temperature.
3Package limitation current is -55A.



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com