| Moteur de recherche de fiches techniques de composants électroniques |
|
MSM6786 Fiches technique(PDF) 13 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM6786 Fiches technique(HTML) 13 Page - OKI electronic componets |
|
13 / 17 page ![]() ¡ Semiconductor MSM6786 13/17 FEDL6786-03 Data Configuration (Input data) D30 D29 D28 D3 D2 D1 C0 C1 C2 C3 C4 C5 Command LCD Display Data LED Display Data Corresponds to SEG1 Corresponds to SEG29 First Bit Notes : 1. LED data corresponds to common 1 side (C0, C1 = 0). 2. D1 bit is unnecessary when LED output is not used. 3. Data output commands F2, F6 – F8 become effective if at least 3 bits (C3 – C5) are input. (D1 – D30 and C0 – C2 bits are not necessary.) Command F4 and command F5 become effective if at least 4 bits (C2 - C5) are input. (D1 - D30, C0 and C1 bits are not necessary.) 4 . If dummy bits are necessary, add them before first bit. (Output data) C5 C4 C3 C2 C1 C0 C5 C4 C3 C2 C1 C0 C5 C4 C3 C2 C1 C0 C5 C4 C3 C2 C1 C0 C5 C4 C3 C2 C1 C0 R4 R3 R2 R1 R0 30 1 Last Bit First Bit |