| Moteur de recherche de fiches techniques de composants électroniques |
|
CFB-Plus10 Fiches technique(PDF) 1 Page - Pentair plc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
CFB-Plus10 Fiches technique(HTML) 1 Page - Pentair plc. All rights reserved. |
|
1 / 2 page ![]() WATER QUALITY SYSTEMS * Based on manufacturer's internal testing. PENTEK MODIFIED MOLDED BLOCK CARTRIDGES Pentair‡ Pentek‡ CFB-Plus Series Cartridges are an enhanced version of Pentek CFB Cartridges. They offer the same benefits with even greater chlorine taste & odor reduction and the highest sediment reduction found in a carbon cartridge.* CFB-Plus Series products are modified molded blocks manufactured using our proprietary Fibredyne technology. This technology creates a unique filter media by attaching powdered activated carbon onto a cellulose-free synthetic fiber matrix. The result is a single cartridge that combines the benefits of both a sediment filter and a carbon block into a single cartridge. Fibredyne carbon block technology also offers up to two times the chlorine taste & odor reduction and dirt holding capacity of traditional blocks.* In addition, this technology will not release fines into the effluent stream due to a unique post-filtration layer that is fused to the carbon/ fiber media blend. CFB-Plus Series Cartridges are an ideal choice for a wide range of residential, food service, commercial and industrial applications. SEDIMENT FILTRATION AND CHLORINE TASTE & ODOR REDUCTION IN A SINGLE CARTRIDGE PENTEK CFB-PLUS SERIES MODIFIED MOLDED BLOCK CARTRIDGES Nominal 5-10 micron rating* Premium dirt holding capacity* Premium chlorine taste & odor and bad taste and odor reduction* FEATURES/BENEFITS Filter Media – Bonded PAC Endcaps – Polypropylene Netting – Polyethylene Gaskets – Santoprene Temperature Rating - 40-180oF (4.4-82.2oC) SPECIFICATIONS Tested and Certified by NSF International to NSF/ANSI Standard 42 for material requirements only. Features Fibredyne technology |
Numéro de pièce similaire - CFB-Plus10 |
|
Description similaire - CFB-Plus10 |