Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS319LF-C Fiches technique(PDF) 9 Page - Feeling Technology Corp.

No de pièce FS319LF-C
Description  SINGLE PHASE DC MOTOR DRIVE IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FEELING [Feeling Technology Corp.]
Site Internet  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS319LF-C Fiches technique(HTML) 9 Page - Feeling Technology Corp.

Back Button FS319LF-C Datasheet HTML 5Page - Feeling Technology Corp. FS319LF-C Datasheet HTML 6Page - Feeling Technology Corp. FS319LF-C Datasheet HTML 7Page - Feeling Technology Corp. FS319LF-C Datasheet HTML 8Page - Feeling Technology Corp. FS319LF-C Datasheet HTML 9Page - Feeling Technology Corp. FS319LF-C Datasheet HTML 10Page - Feeling Technology Corp. FS319LF-C Datasheet HTML 11Page - Feeling Technology Corp. FS319LF-C Datasheet HTML 12Page - Feeling Technology Corp. FS319LF-C Datasheet HTML 13Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Technology
FS319
Rev0.3 Dec.29, 2005(LF)
P
9/FS319
H-BRIDGE TRANSISTOR OUTPUT
The Fig 6 is the circuit diagram of H-bridge transistors. The single-phase motor rotation
depends on a switching current of coil L1. When the magnetic pole is N pole, Q2, Q3, Q5 is
turn-off and Q1, Q4, Q6 is turn-on, L1 has a current from SO to NO. And when the magnetic
pole is S pole, Q1, Q4, Q6 is turn-off and Q2, Q3 is turn-on, L1 has a current from NO to
SO.
VCC
L1
Q1
Q2
Q3
Q4
Q5
Q6
NO
SO
GND
DPNO
DPSO
PNO
PSO
Fig 6 H-Bridge Transistors Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13