| Moteur de recherche de fiches techniques de composants électroniques |
|
FS1102G1 Fiches technique(PDF) 3 Page - Feeling Technology Corp. |
|
|
|||||||||||||||||||||||||||||
FS1102G1 Fiches technique(HTML) 3 Page - Feeling Technology Corp. |
|
3 / 7 page ![]() FS1102 Rev1.2 Jul. 12, 2011 P.3 FEELING TECHNOLOGY Absolute Maximum Ratings Values Parameter Symbol Conditions Min. Typ. Max. Unit Operating Temperature TOP - -40 125 ℃ Storage Temperature TST - -65 150 ℃ DC Supply Voltage VDD - 3.0 28 V Supply Current IDD - 10 mA Continuous Current IO(CONT) 50 mA Junction temperature TJ 160 ℃ Power Dissipation PD SIP-3L 500 mW Thermal Resistance θJC SIP-3L 0.27 ℃/mW Lead Temperature 10sec 260 ℃ Figure.4 Figure.5 255 ± 5 oC 10 ± 1 sec 150 ± 10 oC 90 ± 30 sec 2~5 oC /sec 2~5 oC /sec SECOND Soldering Condition 0 25 50 75 100 125 150 314 407 500 Pd( mW) Temp. ( ) o C Power Dissipation Curve 175 221 128 35 0 160oC |