| Moteur de recherche de fiches techniques de composants électroniques |
|
FS72XY Fiches technique(PDF) 2 Page - Feeling Technology Corp. |
|
|
|||||||||||||||||||||||||||||
FS72XY Fiches technique(HTML) 2 Page - Feeling Technology Corp. |
|
2 / 10 page ![]() FS72X FS72XY This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product. Rev1.2 June. 29, 2009 P.2 FEELING TECHNOLOGY Pin Connection. Figure 2 Pin Descriptions Name I/O FS72X FS72XY Description VDD P 1 1 Positive power supply VSS G 2 3 Ground NO O 3 2 Driver output Legend: I=input, O=output, I/O=input/output, P=power supply, G=ground Functional Descriptions Refer to the block diagram (Figure.1), FS72X/FS72XY is composed of the following building blocks: Bias generator The bias generator provides precise, temperature- and process-insensitive bias references for the analog blocks. These references guarantee proper operation of the chip under all conditions specified in this specification. Oscillator + Sequencer The built-in oscillator provides the clock signal, which is taken by the sequencer to generate the sequential signals necessary for both the Hall sensor and the digital control logics Power on Reset Used to detect the power-up ramp and reset the digital circuits to attain correct operation as soon as the power is ready. Chopper Amplifier To achieve a higher magnetic sensitivity the chopper amplifier structure is adopted in this design. Use of this structure dynamically removes both the offset and flicker noise at the same time. Digital control logics Generates controlling signals for the Hall sensor. NO VSS VDD 1 2 3 Mark Side FS72XY FS72X Top View 3 1 2 |