Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6924D Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce L6924D
Description  Li-Ion/Li-Polymer Battery Charger System with Integrated Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Fiches technique(HTML) 3 Page - STMicroelectronics

  L6924D Datasheet HTML 1Page - STMicroelectronics L6924D Datasheet HTML 2Page - STMicroelectronics L6924D Datasheet HTML 3Page - STMicroelectronics L6924D Datasheet HTML 4Page - STMicroelectronics L6924D Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
L6924D
1 Package information
CD00061067
3/5
1
Package information
Figure 3.
VFQFPN 16 (3mmx3mm) Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
0.800
0.900
1.000
0.031
0.035
0.039
A1
0.020
0.050
0.0008 0.0019
A2
0.650
1.000
0.025
0.039
A3
0.250
0.01
b
0.180
0.230
0.300
0.007
0.009
0.012
D
2.875
3.000
3.125
0.113
0.118
0.123
D2
0.250
0.700
1.250
0.010
0.027
0.050
E
2.875
3.000
3.125
0.113
0.118
0.123
E2
0.250
0.700
1.250
0.010
0.027
0.050
e
0.450
0.500
0.550
0.018
0.020
0.022
L
0.300
0.400
0.500
0.012
0.016
0.020
ddd
0.080
0.003
VFQFPN-16 (3x3x1.0mm)
Very Fine Quad Flat Package No lead
7185330 D



Html Pages

1 2 3 4 5