| Moteur de recherche de fiches techniques de composants électroniques |
|
ESP8266 Fiches technique(PDF) 40 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
|
|||||||||||||||||||||||||||||
ESP8266 Fiches technique(HTML) 40 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
40 / 117 page ![]() ! 4. SPI Communication User Guide 4.5.2.5. SPIMasterRecvData Description Master receives data. Function int SPIMasterRecvData(SpiNum spiNum, SpiData* pOutData); Return value • 0: Success • Others: Failure 4.5.2.6. SPISlaveSendData Description Upload data to SPI W8 ~ W15. Function int SPISlaveSendData(SpiNum spiNum, uint32_t *pInData, uint8_t inLen); Return value • 0: Success • Others: Failure 4.5.2.7. SPISlaveRecvData Description Slave receives data. Parameter Description spiNum [in] choose SPI and HSPI. pOutData [in] a pointer to SpiData structure. The command, address, data buffer and length should be specified. Parameter Description spiNum [in] choose SPI and HSPI. pInData [in] a pointer to buffer. inLen [in] buffer length. ! Notes: • This function is only used to upload the data to SPI W8 ~ W15. Upon receiving MASTER_READ_DATA_FROM_SLAVE_CMD, ESP8266 will automatically transmit data. • The default value is 32 bytes, with 64 bytes the maximum. Espressif ! /! 32 104 2017.05 |