Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD5760GS Fiches technique(PDF) 17 Page - Leadtrend Technology

No de pièce LD5760GS
Description  High Voltage Green-Mode PWM Controller with Brown-In/Out Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEADTREND [Leadtrend Technology]
Site Internet  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5760GS Fiches technique(HTML) 17 Page - Leadtrend Technology

Back Button LD5760GS Datasheet HTML 12Page - Leadtrend Technology LD5760GS Datasheet HTML 13Page - Leadtrend Technology LD5760GS Datasheet HTML 14Page - Leadtrend Technology LD5760GS Datasheet HTML 15Page - Leadtrend Technology LD5760GS Datasheet HTML 16Page - Leadtrend Technology LD5760GS Datasheet HTML 17Page - Leadtrend Technology LD5760GS Datasheet HTML 18Page - Leadtrend Technology LD5760GS Datasheet HTML 19Page - Leadtrend Technology LD5760GS Datasheet HTML 20Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LD5760
11/05/2015
17
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5760-DS-02 November 2015
OVP events are detected, the OVP circuit switches the
power MOSFET off. As the protection is latched, the
converter restarts only after the internal latch is reset.
Thus the output over voltage can be calculated as:
CSOVP
F
AUX
V
R
R
R
V
V
2
1
1
)
(
R1
RS
CS
AUX
VCSOVP
OUT
Sample
Delay
1.5us
1us
Debouce
10 cycle
OVP
R2
Fig. 23
Delay
Sample
Out
AUX Winding
CS/OVP
Fig. 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20