| Moteur de recherche de fiches techniques de composants électroniques |
|
VND830LSP-E Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VND830LSP-E Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 20 page ![]() VND830LSP-E 2/20 Figure 2. Block Diagram Table 3. Absolute Maximum Ratings Symbol Parameter Value Unit VCC DC Supply Voltage 41 V - VCC Reverse DC Supply Voltage - 0.3 V - IGND DC Reverse Ground Pin Current - 200 mA IOUT DC Output Current Internally Limited A - IOUT Reverse DC Output Current - 6 A IIN DC Input Current +/- 10 mA ISTAT DC Status Current +/- 10 mA VESD Electrostatic Discharge (Human Body Model: R=1.5K Ω; C=100pF) - INPUT - STATUS - OUTPUT - VCC 4000 4000 5000 5000 V V V V Ptot Power Dissipation TC=25°C 74 W EMAX Maximum Switching Energy (L=0.14mH; RL=0Ω; Vbat=13.5V; Tjstart=150ºC; IL=14A) 52 mJ Tj Junction Operating Temperature Internally Limited °C Tc Case Operating Temperature - 40 to 150 °C Tstg Storage Temperature - 55 to 150 °C OVERTEMP. 1 VCC GND INPUT1 OUTPUT1 OVERVOLTAGE LOGIC DRIVER 1 STATUS1 VCC CLAMP UNDERVOLTAGE CLAMP 1 OPENLOAD ON 1 CURRENT LIMITER 1 OPENLOAD OFF 1 OUTPUT2 DRIVER 2 CLAMP 2 OPENLOAD ON 2 OPENLOAD OFF 2 OVERTEMP. 2 INPUT2 STATUS2 CURRENT LIMITER 2 |