Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FD115MH Fiches technique(PDF) 3 Page - Feeling Technology Corp.

No de pièce FD115MH
Description  Smart motor driver with embedded Hall sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FEELING [Feeling Technology Corp.]
Site Internet  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD115MH Fiches technique(HTML) 3 Page - Feeling Technology Corp.

  FD115MH Datasheet HTML 1Page - Feeling Technology Corp. FD115MH Datasheet HTML 2Page - Feeling Technology Corp. FD115MH Datasheet HTML 3Page - Feeling Technology Corp. FD115MH Datasheet HTML 4Page - Feeling Technology Corp. FD115MH Datasheet HTML 5Page - Feeling Technology Corp. FD115MH Datasheet HTML 6Page - Feeling Technology Corp. FD115MH Datasheet HTML 7Page - Feeling Technology Corp. FD115MH Datasheet HTML 8Page - Feeling Technology Corp. FD115MH Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FD115MH
FD115MA
Rev1.3 Feb. 9, 2009
P.3
FEELING
TECHNOLOGY
Functional Descriptions
Refer to the block diagram (Figure.1), FD115MH/FD115MA is composed of the following building blocks:
Bias generator
The bias generator provides precise, temperature- and process-insensitive bias references for the analog circuit
blocks. These references guarantee proper operation of the IC under all conditions specified in this specification.
Oscillator
The built-in oscillator provides the clock signal for the digital control logics
Power-on Reset
Used to detect the power-up ramp and reset the digital circuits to achieve correct operation as soon as the power is
ready.
Chopper Amplifier
To achieve a higher magnetic sensitivity the chopper amplifier structure is adopted in this design. Use of this
structure dynamically removes both the offset and flicker noise at the same time.
Digital control logics
Hall sensor part – generates controlling signals for the Hall sensor.
Coil driver part – generates controlling signals for the Coil driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12