Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP6131DECR Fiches technique(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP6131DECR
Description  Silicon-Based Linear Thermistor for Temperature Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6131DECR Fiches technique(HTML) 25 Page - Texas Instruments

Back Button TMP6131DECR Datasheet HTML 21Page - Texas Instruments TMP6131DECR Datasheet HTML 22Page - Texas Instruments TMP6131DECR Datasheet HTML 23Page - Texas Instruments TMP6131DECR Datasheet HTML 24Page - Texas Instruments TMP6131DECR Datasheet HTML 25Page - Texas Instruments TMP6131DECR Datasheet HTML 26Page - Texas Instruments TMP6131DECR Datasheet HTML 27Page - Texas Instruments TMP6131DECR Datasheet HTML 28Page - Texas Instruments TMP6131DECR Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
(R0.05) TYP
(0.65)
2X (0.5)
2X (0.25)
4224506/A 08/2018
X1SON - 0.5 mm max height
DEC0002A
PLASTIC SMALL OUTLINE - NO LEAD
SYMM
1
2
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:60X
NOTES: (continued)
3. For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271).
4. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown on this view.
It is recommended that vias under paste be filled, plugged or tented.
SOLDER MASK DETAILS
METAL EDGE
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
SOLDER MASK
DEFINED
(PREFERRED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com