Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K-LD2-EVAL-RFB-01H Fiches technique(PDF) 19 Page - RFbeam Microwave GmbH

No de pièce K-LD2-EVAL-RFB-01H
Description  radar transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFBEAM [RFbeam Microwave GmbH]
Site Internet  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LD2-EVAL-RFB-01H Fiches technique(HTML) 19 Page - RFbeam Microwave GmbH

Back Button K-LD2-EVAL-RFB-01H Datasheet HTML 12Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 13Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 14Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 15Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 16Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 17Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 18Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 19Page - RFbeam Microwave GmbH K-LD2-EVAL-RFB-01H Datasheet HTML 20Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LD2 | data sheet
09/2018 - Revision B | Page 19/20
Param. Default Min
Max
Name
Description
T00
00
00
01
Activate testing mode Activates the testing mode.
00: Testing mode disabled
01: Testing mode enabled
This parameter is not stored. After a reset or restart it is reset to the value 00.
T01
–
00
01
Force detection
output
Controls the detection output, if the testing mode T00 is enabled
00: force to low
01: force to high
T02
–
00
01
Force miscellaneous
output
Controls the miscellaneous output, if the testing mode T00 is enabled
00: force to low
01: force to high
Table 17: Class T 8-Bit testing parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20