Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K-LC7-RFB-00H Fiches technique(PDF) 7 Page - RFbeam Microwave GmbH

No de pièce K-LC7-RFB-00H
Description  radar transciever
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFBEAM [RFbeam Microwave GmbH]
Site Internet  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LC7-RFB-00H Fiches technique(HTML) 7 Page - RFbeam Microwave GmbH

  K-LC7-RFB-00H Datasheet HTML 1Page - RFbeam Microwave GmbH K-LC7-RFB-00H Datasheet HTML 2Page - RFbeam Microwave GmbH K-LC7-RFB-00H Datasheet HTML 3Page - RFbeam Microwave GmbH K-LC7-RFB-00H Datasheet HTML 4Page - RFbeam Microwave GmbH K-LC7-RFB-00H Datasheet HTML 5Page - RFbeam Microwave GmbH K-LC7-RFB-00H Datasheet HTML 6Page - RFbeam Microwave GmbH K-LC7-RFB-00H Datasheet HTML 7Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
© RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LC7 | data sheet
12/2018 - Revision C | Page 7/7
Product
= K-LC7
Customer
= RFB
for standard
products
HW variant
= 00 for THT-type
= 01 for SMD-type
Supply
= H
for 3.2V…5V version
–
–
ORDERING INFORMATION
Figure 9: Ordering number structure
Ordering number
Description
K-LC7-RFB-00H
Standard K-LC7 THT-type
K-LC7-RFB-01H
Standard K-LC7 SMD-type
Table 2: Available ordering numbers
REVISION HISTORY
02/2018 – Revision A: Initial Version
10/2018 – Revision B: Change to supply current on page 2
Added Rx1/ Rx2 spacing on page 2
Change to Note 1 on page 2
Added table of contents
Added application information
12/2018 – Revision C: Removed turn on time in the transmitter characteristics
The ordering number consists of different parts with
the structure below.



Html Pages

1 2 3 4 5 6 7