Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP8059 Fiches technique(PDF) 4 Page - Sipex Corporation

No de pièce SP8059
Description  10 Channel Photo Detector IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8059 Fiches technique(HTML) 4 Page - Sipex Corporation

  SP8059 Datasheet HTML 1Page - Sipex Corporation SP8059 Datasheet HTML 2Page - Sipex Corporation SP8059 Datasheet HTML 3Page - Sipex Corporation SP8059 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ADVANCED
SP8059
Rev 0.7e (05-17-05)
SP8059 Ten-Channel Photo detector IC
Copyright 2005 Sipex Corporation
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-408-934-7500.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE OR
COPY
page
4 of 4
PHOTO DETECTOR PATTERN
Note: 1. Detector size units: µm
2. Separation between segments: 5 µm
3. Photo detector is rotated 90 degrees clockwise in both packages on pages 8 and 9
ORDERING INFORMATION
Part number
Temperature range
Package Type
SP8059CE
0 + 70
0C
16-pin Organic Leadless Chip
Carrier (OLCC)
SP8059W
-0 + 70
0C
Wafer



Html Pages

1 2 3 4