Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RTL8192CE Fiches technique(PDF) 13 Page - Realtek Semiconductor Corp.

No de pièce RTL8192CE
Description  SINGLE-CHIP IEEE 802.11b/g/n 2T2R WLAN CONTROLLER w/PCI EXPRESS INTERFACE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  REALTEK [Realtek Semiconductor Corp.]
Site Internet  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8192CE Fiches technique(HTML) 13 Page - Realtek Semiconductor Corp.

Back Button RTL8192CE Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 13Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 14Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 15Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 16Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 17Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
RTL8192CE
Datasheet
Single-Chip IEEE 802.11b/g/n 2T2R WLAN Controller
with PCI Express Interface
9
Track ID: Rev.0.1
5.5. LED Interface
Table 5. LED Interface
Symbol
Type
Pin No
Description
LED0
O
35
LED Pins (Active Low)
Shared with ANT_SEL_P, can be selected by control register
LED1
O
36
LED Pins (Active Low)
Shared with ANT_SEL_N, can be selected by control register
LED2
O
4
LED Pins (Active Low)
Shared with TRSWN[0] or GPIO8, can be selected by control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18